p o w e r t r a n s f o r m e r chassis mount: single secondary web: www.triadmagnetics.com phone 951-277-0757 fax 951-277-2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 c d b a blk blk red r/y red blk blk red r/y red f-117x electrical specifications (@25c) 1. maximum power: 9.6 va 2. primary: 115v 50/60 hz 3. secondary: 24.0vct @ 0.400 amps 4. voltage regulation: 20 % typ @ full load to no load 5. temperature rise: 35c typ (45c max allowed) description: the f-117x is part of a series which has a long history of reliable service in the field, made from a proven design and constructed with ul recognized materials. construction: wound on a single channel nylon bobbin. materials are ul recognized, class b (130o c) rated. safety: these products are 100% hipot tested with an insulation of 1500v between primary and secondary windings as well as between the primary / secondary windings and the core. dimensions: units: in inches a b c d 1.625 2.812 1.625 2.375 mounting hole diameter: .187 in lead length: 7.0 inches + 1 inch weight: 0.80 lbs schematic: primary: black to black secondary: red to red rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version.
|